Part Number Hot Search : 
16YXA3 RC0031E SR160 NDB610AE SKY77 NJW1142A S12DC12V MODULES
Product Description
Full Text Search
 

To Download TO-220AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 3 2 10.2 0.2 ? 3 . 8 0 . 1 5 2.8 0.1 19.0 0.5 pin 3.5 0.3 0.9 0.1 2.5 0.1 13.8 0.5 2.6 0.2 0.5 0.1 8.9 0.2 1.4 0.2 4.5 0.2 pin 1 pin 3 case pin 2 maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current @t c =95c (note 1) peak forward surge current superimposed on rated load @t j =125c maximum instantaneous forward voltage at 5.0a (note 2) maximum dc reverse current @t a =25c at rated dc blocking voltage @t a =125c operating junction temperature range storage temperature range 8.3ms single half sine-wave units v v v a a v a c v rrm v rms v dc 50 100 100 70 35 50 i (av) i fsm v f i r t j t stg 10 80 1.3 5.0 -55---+150 -55---+150 maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. reverse voltage: 50 - 600v forward current: 10a case: jedec TO-220AB, molded plastic over polarity: as marked weight: 0.071 ounce, 2.006 gram terminals: matte tin plated leads TO-220AB 1. averaged over any 20ms period. c maximum reverse recovery time (note 3) 3. measured with i f = 0.5a, i r = 1a, i rr = 0.25a. t rr 300 210 300 600 420 600 parameter symbol dimensions in millimeters notes: 2. pulse test:300 s pulse width,1% duty cycle. 200 200 140 0.98 ns 05c 10c 20c 30c 60c 40c 400 400 280 gf10 gf10 gf10 gf10 gf10 gf10 1.7 150 ultrafast recovery times low forward voltage drop the plastic material carries u/l recognition 94v-0 component in accordance to rohs 2002/95/ec single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate by 20%. mounting position: any low switching losses,high efficiency and weee 2002/96/ec solder dip 260c ,10 seconds 500 350 500 50c gf10 30 gf1005c-gf1060c super fast rectifiers ? ? ? ? ? ? ? ? ? ? ? features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
instantaneous forward current, (a) average forward rectified fig.2 forward derating curve case temperature, (c ) fig.4 peak forward surge current number of cycles at 60h z peak forward surge current, fig.3 typical reverse characteristics percent of rated peak reverse voltage, % instantaneous reverse leakage fig.1 typical forward characteristics instantaneous forward voltage, ( v ) current, (a) current, ( ? ? a) (a) 10000 12010080 4020 1000 100 10 1.0 0.1 60 140 0 t j =125 c t j =25 c 10 8.0 6.0 4.0 2.0 0 150 75 100 125 50 25 0 80 70 60 50 40 30 20 10 0 10 100 1 gf1050c-gf1060 c gf1030c-gf1040c gf1005c-gf1020c 2.22.0 100 10 1.0 1.81.6 1.4 1.2 1.0 0.80.6 5.0 gf1005c-gf1060c super fast rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of TO-220AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X